PART |
Description |
Maker |
OM100Q05CB OM100Q80XX OM100Q05DB OM100Q05RB OM100Q |
50 A, SILICON, RECTIFIER DIODE 600V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 300V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 700V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 500V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 400V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 200V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 150V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 100V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 800V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
|
International Rectifier ETC[ETC] N.A. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
AN7337N |
For VideoAudio - Common Use - Graphic Equalier ICs for Audio Common Use
|
Matsshita / Panasonic
|
HD74HC108 HD74HC108P |
Dual J-K Flip-Flops (with Preset/ Common Clear and Common Clock) Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock) FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
ACM0803CS |
COMMON MODE CHOKES Common mode choke for power application
|
Allied Components International
|
S30SC4M |
Schottky Rectifiers (SBD) / Center Tap, Common Cathode (Three Terminal Type) RECTIFIER DIODES,COMMON CATHODE,SCHOTTKY,40V V(RRM),TO-247VAR
|
Shindengen Electric Mfg
|
LF2115NP-B-392 LF2115NP-B-222 LF2115NP-B-223 LF211 |
50/60 HZ, SINGLE PHASE EMI FILTER ROHS COMPLIANT PACKAGE-4 AC COMMON MODE COIL Type: LF Series AC COMMON MODE COIL AC COMMON MODE COIL , Pin Type: LF Series
|
Sumida, Corp. Sumida Corporation
|
0571-0303-00 0571-0033-00 |
POWER LINE CHOKES COMMON MODE CHOKES 2 ELEMENT, 30000 uH, COMMON MODE CHOKE POWER LINE CHOKES COMMON MODE CHOKES 2 ELEMENT, 3000 uH, COMMON MODE CHOKE
|
Bel Fuse, Inc.
|
SSD1828Z SSD1828 |
1.8-3.3V LCD segment / common driver with controler for liquid crystal dot-matrix graphic display system LCD Segment / Common Driver with Controller CMOS
|
SOLOMON SYSTECH ETC[ETC]
|